Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 24Page - Renesas Technology Corp UPD17708 Datasheet HTML 25Page - Renesas Technology Corp UPD17708 Datasheet HTML 26Page - Renesas Technology Corp UPD17708 Datasheet HTML 27Page - Renesas Technology Corp UPD17708 Datasheet HTML 28Page - Renesas Technology Corp UPD17708 Datasheet HTML 29Page - Renesas Technology Corp UPD17708 Datasheet HTML 30Page - Renesas Technology Corp UPD17708 Datasheet HTML 31Page - Renesas Technology Corp UPD17708 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
26
2.3 Program Counter
2.3.1 Configuration of program counter
Figure 2-3 shows the configuration of the program counter.
As shown in this figure, the program counter consists of a 13-bit binary counter and a 1-bit segment register
(SGR). Bits 11 and 12 of the program counter indicate a page.
The program counter specifies an address of the program memory.
Figure 2-3. Configuration of Program Counter
2.3.2 Segment register (SGR)
The segment register specifies a segment of the program memory.
Table 2-1 shows the relationships between the segment register and program memory.
The segment register is set only when the SYSCAL entry instruction is executed.
Table 2-1. Relationships between Segment Register and Program Memory
Value of Segment Register
Segment of Program Memory
0
Segment 0
1
Segment 1
2.4 Flow of Program
The flow of the program is controlled by the program counter that specifies an address of the program
memory.
The program flow when each instruction is executed is described below.
Figure 2-5 shows the value that is set to the program counter when each instruction is executed.
Table 2-2 shows the vector address when an interrupt is accepted.
2.4.1 Branch instruction
(1) Direct branch (“BR addr”)
The branch destination address of the direct branch instruction is in the same segment of the program
memory. In other words, a branch cannot be executed exceeding a segment.
(2) Indirect branch (“BR @AR”)
The branch destination addresses of the indirect branch instruction are all the addresses of the program
memory, i.e., addresses 0000H through 1FFFH for the
µPD17704, addresses 0000H through 2FFFH for
the
µPD17705, 17707, and 0000H through 3FFFH for the µPD17708 and 17709.
For further information, also refer to 5.3 Address Register (AR).
PC0
SGR
Page
PC
PC12
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com