Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 61Page - Renesas Technology Corp UPD17708 Datasheet HTML 62Page - Renesas Technology Corp UPD17708 Datasheet HTML 63Page - Renesas Technology Corp UPD17708 Datasheet HTML 64Page - Renesas Technology Corp UPD17708 Datasheet HTML 65Page - Renesas Technology Corp UPD17708 Datasheet HTML 66Page - Renesas Technology Corp UPD17708 Datasheet HTML 67Page - Renesas Technology Corp UPD17708 Datasheet HTML 68Page - Renesas Technology Corp UPD17708 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 358 page
background image
63
µPD17704, 17705, 17707, 17708, 17709
7.4 Cautions on Using ALU
7.4.1 Cautions on execution operation to program status word
If an arithmetic operation is executed to the program status word, the result of the operation is stored to the
program status word.
The CY and Z flags in the program status word are usually set or reset by the result of the arithmetic operation.
If an arithmetic operation is executed to the program status word itself, the result of the operation is stored to
the program status word, and consequently, it cannot be judged whether a carry or borrow occurs or whether
the result of the operation is zero.
If the CMP flag is set, however, the result of the operation is not stored to the program status word. Therefore,
the CY and Z flags are set or reset normally.
7.4.2 Cautions on executing decimal operation
The decimal operation can be executed only when the result of the operation falls within the following ranges:
(1) Result of addition
: 0 to 19 in decimal
(2) Result of subtraction: 0 to 9 or –10 to –1 in decimal
If a decimal operation is executed exceeding or falling below the above ranges, the result is a value greater
than 1010B (0AH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com