Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 66Page - Renesas Technology Corp UPD17708 Datasheet HTML 67Page - Renesas Technology Corp UPD17708 Datasheet HTML 68Page - Renesas Technology Corp UPD17708 Datasheet HTML 69Page - Renesas Technology Corp UPD17708 Datasheet HTML 70Page - Renesas Technology Corp UPD17708 Datasheet HTML 71Page - Renesas Technology Corp UPD17708 Datasheet HTML 72Page - Renesas Technology Corp UPD17708 Datasheet HTML 73Page - Renesas Technology Corp UPD17708 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
68
Figure 8-3. Configuration of Control Registers (1/2)
Note
( ) indicates an address that is used when the assembler is used.
S
P
3
S
P
2
S
P
1
S
P
0
00 W
D
T
C
K
1
W
D
T
C
K
0
W
D
T
R
E
S
00
0
0
0
D
B
F
S
P
1
D
B
F
S
P
0
00
I
S
P
R
E
S
A
S
P
R
E
S
C
E
C
N
T
3
C
E
C
N
T
2
C
E
C
N
T
1
C
E
C
N
T
0
00 M
O
V
T
S
E
L
1
M
O
V
T
S
E
L
0
P
L
L
R
F
C
K
3
P
L
L
R
F
C
K
2
P
L
L
R
F
C
K
1
P
L
L
R
F
C
K
0
00
0
P
L
L
U
L
00
B
E
E
P
1
S
E
L
B
E
E
P
0
S
E
L
B
E
E
P
1
C
K
1
B
E
E
P
1
C
K
0
B
E
E
P
0
C
K
1
B
E
E
P
0
C
K
0
000 W
D
T
C
Y
000
B
T
M
0
C
Y
P
L
L
S
C
N
F
0P
L
L
M
D
1
P
L
L
M
D
0
00
0
I
F
C
G
O
S
T
T
I
F
C
M
D
1
I
F
C
M
D
0
I
F
C
C
K
1
I
F
C
C
K
0
00
I
F
C
S
T
R
T
I
F
C
R
E
S
0A
D
C
C
H
2
A
D
C
C
H
1
A
D
C
C
H
0
0A
D
C
M
D
A
D
C
S
T
T
A
D
C
C
M
P
0P
W
M
B
I
T
0P
W
M
C
K
0P
W
M
2
S
E
L
P
W
M
1
S
E
L
P
W
M
0
S
E
L
00
F
C
G
C
H
1
F
C
G
C
H
0
00
0
I
R
Q
S
I
O
1
000
I
R
Q
S
I
O
0
000
I
R
Q
T
M
3
000
I
R
Q
T
M
2
0
1
23
4
5
67
R/W
R/W
W & Reset
R
R/W
R/W
R/W
Read/
Write
R/W
R/W
R&Reset
R/W
R/W
R&Reset
R&Reset
Read/
Write
R/W
R
R/W
W
R/W
R/W
R/W
R/W
Read/
Write
R
R/W
R/W
R/W
R/W
Read/
Write
Column Address
Row
Address
Item
Name
Stack
pointer
Watchdog
timer clock
selection
Watchdog
timer counter
reset
Data buffer
stack pointer
Stack overflow/
underflow reset
selection
CE reset
timer carry
counter
MOVT bit
selection
Symbol
Name
PLL mode
selection
PLL reference
frequency
selection
PLL unlock
FF
BEEP/general
-purpose port
pin function
selection
BEEP clock
selection
Watchdog
timer/stack
pointer reset
status detection
Basic timer
0 carry
Name
FCG
channel
selection
IF counter
gate status
detection
IF counter
mode
selection
IF counter
control
A/D converter
channel
selection
PWM clock
selection
PWM/general-
purpose port
pin function
selection
A/D converter
mode
selection
Symbol
Name
Serial
interface 1
interrupt
request
Timer 3
interrupt
request
Serial
interface 0
interrupt
request
Symbol
Timer 2
interrupt
request
0
1
2
3
(8)Note
(9)Note
(A)Note
(B)Note
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com