Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 98Page - Renesas Technology Corp UPD17708 Datasheet HTML 99Page - Renesas Technology Corp UPD17708 Datasheet HTML 100Page - Renesas Technology Corp UPD17708 Datasheet HTML 101Page - Renesas Technology Corp UPD17708 Datasheet HTML 102Page - Renesas Technology Corp UPD17708 Datasheet HTML 103Page - Renesas Technology Corp UPD17708 Datasheet HTML 104Page - Renesas Technology Corp UPD17708 Datasheet HTML 105Page - Renesas Technology Corp UPD17708 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
100
(2) P0A (P0A3, P0A2)
Note
This is an internal signal that is output when the clock stop instruction is executed, and this circuit
is designed not to increase the current consumption due to noise even if it is floated.
11.2.2 Using I/O port
The input or output mode of the I/O ports is set by I/O selection register P0A, P0B, P0C, P1D, P2A, P2B,
P2C, P2D, P3A, P3B, P3C, or P3D of the control registers.
Because P0A, P0B, P0C, P1D, P2A, P2B, P2C, and P2D are bit I/O ports, they can be set in the input or output
mode in 1-bit units.
P3A, P3B, P3C, and P3D are group I/O ports, and therefore they are set in the input or output mode in 4-
bit units.
Setting the output data of or reading the input data of a port is carried out by executing an instruction that
writes data to or reads data from the port.
11.2.3 shows the configuration of the I/O selection register of each port.
11.2.4 and 11.2.5 describe how each port is used as an input or output port.
11.2.6 describes the points to be noted when using the I/O ports.
VDD
I/O selection flag
Output latch
Read instruction
Port register
(1 bit)
Write instruction
CKSTOP Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com