Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 100Page - Renesas Technology Corp UPD17708 Datasheet HTML 101Page - Renesas Technology Corp UPD17708 Datasheet HTML 102Page - Renesas Technology Corp UPD17708 Datasheet HTML 103Page - Renesas Technology Corp UPD17708 Datasheet HTML 104Page - Renesas Technology Corp UPD17708 Datasheet HTML 105Page - Renesas Technology Corp UPD17708 Datasheet HTML 106Page - Renesas Technology Corp UPD17708 Datasheet HTML 107Page - Renesas Technology Corp UPD17708 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
102
(1) Port 0A bit I/O selection register
Name
Flag symbol
b3
P
0
A
B
I
O
3
b2
P
0
A
B
I
O
2
b1
P
0
A
B
I
O
1
b0
P
0
A
B
I
O
0
Address
(BANK15)
6FH
Read/Write
R/W
Port 0A bit I/O selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Sets P0A0 pin in input mode
Sets P0A0 pin in output mode
Sets input/output mode of port
Retained
Retained
Sets P0A1 pin in input mode
Sets P0A1 pin in output mode
Sets input/output mode of port
0
1
Sets P0A2 pin in input mode
Sets P0A2 pin in output mode
Sets input/output mode of port
0
1
Sets P0A3 pin in input mode
Sets P0A3 pin in output mode
Sets input/output mode of port
0
1
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com