Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 99Page - Renesas Technology Corp UPD17708 Datasheet HTML 100Page - Renesas Technology Corp UPD17708 Datasheet HTML 101Page - Renesas Technology Corp UPD17708 Datasheet HTML 102Page - Renesas Technology Corp UPD17708 Datasheet HTML 103Page - Renesas Technology Corp UPD17708 Datasheet HTML 104Page - Renesas Technology Corp UPD17708 Datasheet HTML 105Page - Renesas Technology Corp UPD17708 Datasheet HTML 106Page - Renesas Technology Corp UPD17708 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 358 page
background image
101
µPD17704, 17705, 17707, 17708, 17709
11.2.3 I/O port I/O selection register
The following I/O selection registers of the I/O ports are available.
•
Port 0A bit I/O selection register
•
Port 0B bit I/O selection register
•
Port 0C bit I/O selection register
•
Port 1D bit I/O selection register
•
Port 2A bit I/O selection register
•
Port 2B bit I/O selection register
•
Port 2C bit I/O selection register
•
Port 2D bit I/O selection register
•
Group I/O selection registers (port 3A, port 3B, port 3C, port 3D)
Each I/O selection register sets the input or output mode of the corresponding port pin.
The following paragraphs (1) through (9) descibe the configuration and functions of the above I/O selection
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com