Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 291Page - Renesas Technology Corp UPD17708 Datasheet HTML 292Page - Renesas Technology Corp UPD17708 Datasheet HTML 293Page - Renesas Technology Corp UPD17708 Datasheet HTML 294Page - Renesas Technology Corp UPD17708 Datasheet HTML 295Page - Renesas Technology Corp UPD17708 Datasheet HTML 296Page - Renesas Technology Corp UPD17708 Datasheet HTML 297Page - Renesas Technology Corp UPD17708 Datasheet HTML 298Page - Renesas Technology Corp UPD17708 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 358 page
background image
293
µPD17704, 17705, 17707, 17708, 17709
20.2 Halt Function
20.2.1 Outline of halt function
The halt function stops the operating clock of the CPU by executing the “HALT h” instruction.
When this instruction is executed, the program is stopped until the halt status is later released. Therefore, the
current consumption of the device in the halt status is reduced by the operating current of the CPU.
The halt status is released by using basic timer 0 carry FF, interrupt, or port input (P0D).
The release condition is specified by operand “h” of the “HALT h” instruction.
20.2.2 Halt status
In the halt status, all the operations of the CPU are stopped. In other words, execution of the program is stopped
at the “HALT h” instruction. However, the peripheral hardware units continue the operation specified before execution
of the “HALT h” instruction.
For the operation of each peripheral hardware unit, refer to 20.4 Device Operation in Halt and Clock Stop Status.
20.2.3 Halt release condition
Figure 20-2 shows the halt release condition.
The halt release condition is specified by 4-bit data specified by operand “h” of the “HALT h” instruction.
The halt status is released when the condition specified by “1” in operand “h”.
When the halt status is released, program execution is started from the instruction after the “HALT h” instruction.
If the halt status is released by an interrupt, the operation to be performed after the halt status has been released
differs depending on whether the interrupts are enabled (EI status) or disabled (DI status) when an interrupt source
(IRQxxx = 1) is issued with the interrupt (IPxxx = 1) enabled.
If two or more releasing conditions are specified, the halt status is released when one of the specified condition
is satisfied.
If 0000B is set as halt release condition “h”, no releasing condition is set. If the device is reset (by means of power-
ON reset, WDT&SP reset, or CE reset) at this time, the halt status is released.
Figure 20-2. Halt Release Condition
Operand
HALT h (4 bits)
b3 b2
b1 b0
0
1
Released when high level is input to port 0D
Released when basic timer 0 carry FF is set to 1
Undefined (Fix this bit to “0”.)
Released when interrupt is accepted
Not released even if condition is satisfied
Released if condition is satisfied
Sets halt status releasing condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com