Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 297Page - Renesas Technology Corp UPD17708 Datasheet HTML 298Page - Renesas Technology Corp UPD17708 Datasheet HTML 299Page - Renesas Technology Corp UPD17708 Datasheet HTML 300Page - Renesas Technology Corp UPD17708 Datasheet HTML 301Page - Renesas Technology Corp UPD17708 Datasheet HTML 302Page - Renesas Technology Corp UPD17708 Datasheet HTML 303Page - Renesas Technology Corp UPD17708 Datasheet HTML 304Page - Renesas Technology Corp UPD17708 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 358 page
background image
299
µPD17704, 17705, 17707, 17708, 17709
In the above example, three halt status releasing conditions, INT0 pin interrupt, 100-ms basic timer 0 carry FF, and
port 0D input, are specified.
To identify which condition has released the halt status, a vector address (interrupt), BTM0CY flag (timer carry FF),
and port register (port input) are detected.
To use two or more releasing conditions, the following two points must be noted.
•
When the halt status is released, all the specified releasing conditions must be detected.
•
The releasing condition with the higher priority must be detected first.
20.3 Clock Stop Function
20.3.1 Outline of clock stop function
The clock stop function stops the oscillation circuit of a 4.5-MHz crystal resonator by executing the “STOP s”
instruction (clock stop status).
Therefore, the current consumption of the device is reduced to 30
µA MAX.
20.3.2 Clock stop status
In the clock stop status, all the device operations of the CPU and peripheral hardware units are stopped because
the generation circuit of the crystal resonator is stopped.
For the operations of the CPU and peripheral hardware units, refer to 20.4 Device Operation in Halt and Clock
Stop Status.
In the clock stop status, the power failure detection circuit does not operate even if the supply voltage VDD of the
device is raised to 2.2 V. Therefore, the data memory can be backed up at a low voltage. For the power failure detection
circuit, refer to 21. RESET.
20.3.3 Releasing clock stop status
Figure 20-3 shows the stop status releasing conditions.
The stop status releasing condition is specified by 4-bit data specified by operand “s” of the “STOP s” instruction.
The stop status is released when the condition specified by “1” in operand “s” is satisfied.
When the stop status has been released, a halt period which is half the time (tSET/2) specified by the basic timer
0 clock selection register as oscillation circuit stabilization wait time has elapsed, and the program execution is started
from the instruction next to the “STOP s” instruction. If releasing the stop status by an interrupt is specified, however,
the program operation after the stop status has been released differs depending on whether the interrupt is enabled
(EI status) or disabled (DI status) when an interrupt source is issued (IRQxxx = 1) with the interrupt enabled (IPxxx
= 1).
If all the interrupts are enabled (EI status), the stop status is released when the interrupt is enabled (IPxxx = 1)
and the interrupt source is issued (IRQxxx = 1), and the program flow returns to the instruction next to the STOP
instruction.
If all the interrupts are disabled (DI status), the stop status is released when the interrupt is enabled (IPxxx = 1)
and the interrupt resource is issued (IRQxxx = 1), and the program flow returns to the instruction next to the STOP
instruction.
If two or more releasing conditions are specified at one time, and if one of the conditions is satisfied, the stop status
is released.
If 0000B is specified as stop releasing condition “s”, no releasing condition is satisfied. If the device is reset at
this time (by means of power-ON reset, or CE reset), the stop status is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com