Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 319Page - Renesas Technology Corp UPD17708 Datasheet HTML 320Page - Renesas Technology Corp UPD17708 Datasheet HTML 321Page - Renesas Technology Corp UPD17708 Datasheet HTML 322Page - Renesas Technology Corp UPD17708 Datasheet HTML 323Page - Renesas Technology Corp UPD17708 Datasheet HTML 324Page - Renesas Technology Corp UPD17708 Datasheet HTML 325Page - Renesas Technology Corp UPD17708 Datasheet HTML 326Page - Renesas Technology Corp UPD17708 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 358 page
background image
321
µPD17704, 17705, 17707, 17708, 17709
21.6 WDT&SP Reset
WDT&SP reset includes the following:
•
Watchdog timer reset
•
Stack pointer overflow/underflow reset
Figure 21-11. Outline of WDT&SP Reset
21.6.1 Watchdog timer reset
The watchdog timer is a circuit that generates a reset signal when the execution sequence of the program is
abnormal (hung-up).
Hanging-up means that the program jumps to an unexpected routine due to external noise, entering a specific
infinite loop and causing the system to be deadlocked. By using the watchdog timer, the program can be restored
from this hang-up status because a reset signal is generated from the watchdog timer at fixed time intervals and
program execution is started from address 0.
The watchdog timer does not function in the clock stop mode and halt mode.
Resetting by the watchdog timer initializes all the registers except the stack overflow selection register, watchdog
timer counter reset register, basic timer 0 carry register, and CE reset timer carry counter.
The watchdog timer reset is detected by the WDTCY flag (R&Reset).
Instruction
count clock
65536
instruction
counter
131072
instruction
counter
Stack overflow/under
flow reset detection
circuit
WDTRES
ASPRES flag
ISPRES flag
WDTCK1 flag
WDTCK0 falg
WDTCY flag
WDT&SP
reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com