Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 337Page - Renesas Technology Corp UPD17708 Datasheet HTML 338Page - Renesas Technology Corp UPD17708 Datasheet HTML 339Page - Renesas Technology Corp UPD17708 Datasheet HTML 340Page - Renesas Technology Corp UPD17708 Datasheet HTML 341Page - Renesas Technology Corp UPD17708 Datasheet HTML 342Page - Renesas Technology Corp UPD17708 Datasheet HTML 343Page - Renesas Technology Corp UPD17708 Datasheet HTML 344Page - Renesas Technology Corp UPD17708 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 358 page
background image
339
µPD17704, 17705, 17707, 17708, 17709
Symbol Name Attribute
Value
R/W
Description
P1D3
FLG
1.73H.3
R/W
Bit 3 of port 1D
P1D2
FLG
1.73H.2
R/W
Bit 2 of port 1D
P1D1
FLG
1.73H.1
R/W
Bit 1 of port 1D
P1D0
FLG
1.73H.0
R/W
Bit 0 of port 1D
P2A2
FLG
2.70H.2
R/W
Bit 2 of port 2A
P2A1
FLG
2.70H.1
R/W
Bit 1 of port 2A
P2A0
FLG
2.70H.0
R/W
Bit 0 of port 2A
P2B3
FLG
2.71H.3
R/W
Bit 3 of port 2B
P2B2
FLG
2.71H.2
R/W
Bit 2 of port 2B
P2B1
FLG
2.71H.1
R/W
Bit 1 of port 2B
P2B0
FLG
2.71H.0
R/W
Bit 0 of port 2B
P2C3
FLG
2.72H.3
R/W
Bit 3 of port 2C
P2C2
FLG
2.72H.2
R/W
Bit 2 of port 2C
P2C1
FLG
2.72H.1
R/W
Bit 1 of port 2C
P2C0
FLG
2.72H.0
R/W
Bit 0 of port 2C
P2D2
FLG
2.73H.2
R/W
Bit 2 of port 2D
P2D1
FLG
2.73H.1
R/W
Bit 1 of port 2D
P2D0
FLG
2.73H.0
R/W
Bit 0 of port 2D
P3A3
FLG
3.70H.3
R/W
Bit 3 of port 3A
P3A2
FLG
3.70H.2
R/W
Bit 2 of port 3A
P3A1
FLG
3.70H.1
R/W
Bit 1 of port 3A
P3A0
FLG
3.70H.0
R/W
Bit 0 of port 3A
P3B3
FLG
3.71H.3
R/W
Bit 3 of port 3B
P3B2
FLG
3.71H.2
R/W
Bit 2 of port 3B
P3B1
FLG
3.71H.1
R/W
Bit 1 of port 3B
P3B0
FLG
3.71H.0
R/W
Bit 0 of port 3B
P3C3
FLG
3.72H.3
R/W
Bit 3 of port 3C
P3C2
FLG
3.72H.2
R/W
Bit 2 of port 3C
P3C1
FLG
3.72H.1
R/W
Bit 1 of port 3C
P3C0
FLG
3.72H.0
R/W
Bit 0 of port 3C
P3D3
FLG
3.73H.3
R/W
Bit 3 of port 3D
P3D2
FLG
3.72H.2
R/W
Bit 2 of port 3D
P3D1
FLG
3.73H.1
R/W
Bit 1 of port 3D
P3D0
FLG
3.73H.0
R/W
Bit 0 of port 3D
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com