Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 111Page - Renesas Technology Corp UPD17708 Datasheet HTML 112Page - Renesas Technology Corp UPD17708 Datasheet HTML 113Page - Renesas Technology Corp UPD17708 Datasheet HTML 114Page - Renesas Technology Corp UPD17708 Datasheet HTML 115Page - Renesas Technology Corp UPD17708 Datasheet HTML 116Page - Renesas Technology Corp UPD17708 Datasheet HTML 117Page - Renesas Technology Corp UPD17708 Datasheet HTML 118Page - Renesas Technology Corp UPD17708 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 358 page
background image
113
µPD17704, 17705, 17707, 17708, 17709
11.3 General-Purpose Input Port (P0D, P1A, P1C)
11.3.1 Configuration of input port
The following paragraphs (1) and (2) show the configuration of the input port.
(1) P0D (P0D3, P0D2, P0D1, P0D0)
Note
This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated.
(2) P1A (P1A3, P1A2, P1A1, P1A0)
P1C (P1C3, P1C2, P1C1, P1C0)
Note
This is an internal signal output on execution of the clock stop instruction, and its circuit is
designed not to increase the current consumption due to noise even if the pin is floated. (Except
P1A3, P1A2, P1A0)
VDD
Write instruction
Read instruction
Port register
(1 bit)
CKSTOP Note
P0DPLD flag
High-ON resistance
Input latch
To A/D converter
VDD
To frequency counter or A/D converter
Write instruction
Read instruction
Port register
(1 bit)
CKSTOP Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com