Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 117Page - Renesas Technology Corp UPD17708 Datasheet HTML 118Page - Renesas Technology Corp UPD17708 Datasheet HTML 119Page - Renesas Technology Corp UPD17708 Datasheet HTML 120Page - Renesas Technology Corp UPD17708 Datasheet HTML 121Page - Renesas Technology Corp UPD17708 Datasheet HTML 122Page - Renesas Technology Corp UPD17708 Datasheet HTML 123Page - Renesas Technology Corp UPD17708 Datasheet HTML 124Page - Renesas Technology Corp UPD17708 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 358 page
background image
119
µPD17704, 17705, 17707, 17708, 17709
12.2 Interrupt Control Block
An interrupt control block is provided for each peripheral hardware unit. This block detects issuance of an
interrupt request, enables the interrupt, and generates a vector address when the interrupt is accepted.
12.2.1 Configuration and function of interrupt request flag (IRQ
×××)
Each interrupt request flag is set to 1 when an interrupt request is issued by the corresponding peripheral
hardware unit, and is reset to 0 when the interrupt is accepted.
Writing the interrupt request flag to “1” via a window register is equivalent to issuance of the interrupt request.
By detecting the interrupt request flag when an interrupt is not enabled, issuance status of each interrupt
request can be detected.
Once the interrupt request flag has been set, it is not reset until the corresponding interrupt is accepted, or
until “0” is written to the flag via a window register.
Even if two or more interrupt requests are issued at the same time, the interrupt request flag corresponding
to the interrupt that has not been accepted is not reset.
Figures 12-2 through 12-13 show the configuration and function of the respective interrupt request registers.
Figure 12-2. Configuration of Serial Interface 1 Interrupt Request Register
Name
Flag symbol
b3
0
b2
0
b1
0
b0
I
R
Q
S
I
O
1
Address
34H
Read/Write
R/W
Serial interface 1
interrupt request
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Interrupt request not issued
Interrupt request issued
Indicates interrupt request issuance status of serial interface 1
Fixed to “0”
0
0
R
R
0
0
0
R: Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com