Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 125Page - Renesas Technology Corp UPD17708 Datasheet HTML 126Page - Renesas Technology Corp UPD17708 Datasheet HTML 127Page - Renesas Technology Corp UPD17708 Datasheet HTML 128Page - Renesas Technology Corp UPD17708 Datasheet HTML 129Page - Renesas Technology Corp UPD17708 Datasheet HTML 130Page - Renesas Technology Corp UPD17708 Datasheet HTML 131Page - Renesas Technology Corp UPD17708 Datasheet HTML 132Page - Renesas Technology Corp UPD17708 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 358 page
background image
127
µPD17704, 17705, 17707, 17708, 17709
Figure 12-12. Configuration of INT0 Pin Interrupt Request Register
Name
Flag symbol
b3
I
N
T
0
b2
0
b1
0
b0
I
R
Q
0
Address
3EH
Read/Write
R/W
INT0 pin
interrupt request
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Interrupt request not issued
Interrupt request issued
Indicates interrupt request issuance status of INT0 pin
Fixed to “0”
Low level is input
High level is input
Detects status of INT0 pin
0
1
0
0
R
R
0
0
U
U
U
U
U: Undefined, R: Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com