Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 164Page - Renesas Technology Corp UPD17708 Datasheet HTML 165Page - Renesas Technology Corp UPD17708 Datasheet HTML 166Page - Renesas Technology Corp UPD17708 Datasheet HTML 167Page - Renesas Technology Corp UPD17708 Datasheet HTML 168Page - Renesas Technology Corp UPD17708 Datasheet HTML 169Page - Renesas Technology Corp UPD17708 Datasheet HTML 170Page - Renesas Technology Corp UPD17708 Datasheet HTML 171Page - Renesas Technology Corp UPD17708 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
166
13.3.3 Count block
The count block counts the basic clock with an 8-bit timer 0 counter, reads the count value, and issues an
interrupt request if the value of the timer 0 modulo register coincides with its value.
Timer 0 counter can be reset by the TM0RES flag.
The TM0OVF flag can detect an overflow of the counter. When an overflow occurs, an interrupt request can
be issued.
The value of the timer 0 counter can be read via data buffer.
The value of the timer 0 modulo register can be written or read via data buffer.
Figure 13-14 shows the configuration of the timer 0 mode selection register.
Figure 13-15 shows the configuration of the timer 0 counter.
Figure 13-16 shows the configuration of the timer 0 modulo register.
Figure 13-14. Configuration of Timer 0 Mode Selection Register
Name
Flag symbol
b3
T
M
0
O
V
F
b2
T
M
0
G
C
E
G
b1
T
M
0
G
O
E
G
b0
T
M
0
M
D
Address
2CH
Read/Write
R/W
Timer 0 mode selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
0
0
Modulo counter
Gate counter
Selects modulo counter or gate counter of timer 0
0
0
0
0
0
0
Rising edge
Falling edge
Rising edge
Falling edge
Specifies edge of gate open input signal
0
1
0
0
0
Retained
Specifies edge of gate close input signal
0
1
No overflow
Overflow
Detects timer 0 overflow
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com