Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 172Page - Renesas Technology Corp UPD17708 Datasheet HTML 173Page - Renesas Technology Corp UPD17708 Datasheet HTML 174Page - Renesas Technology Corp UPD17708 Datasheet HTML 175Page - Renesas Technology Corp UPD17708 Datasheet HTML 176Page - Renesas Technology Corp UPD17708 Datasheet HTML 177Page - Renesas Technology Corp UPD17708 Datasheet HTML 178Page - Renesas Technology Corp UPD17708 Datasheet HTML 179Page - Renesas Technology Corp UPD17708 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
174
Figure 13-18. Configuration of Timer 1 Counter Clock Selection Register
Caution
When the TM1RES flag is read, 0 is always read.
Name
Flag symbol
b3
T
M
1
E
N
b2
T
M
1
R
E
S
b1
T
M
1
C
K
1
b0
T
M
1
C
K
0
Address
2AH
Read/Write
R/W
Timer 1 counter clock selection
Power-On reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
0
0
0
100 kHz (10 s)
10 kHz (100 s)
2 kHz (500 s)
1 kHz (1 ms)
Sets basic clock of timer 1 counter
0
0
0
0
0
0
0
0
1
1
Does not change
Resets counter
Resets timer 1 counter (valid on writing)
0
1
0
0
0
Retained
Stops
Starts
Starts or stops timer 1
0
1
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com