Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 208Page - Renesas Technology Corp UPD17708 Datasheet HTML 209Page - Renesas Technology Corp UPD17708 Datasheet HTML 210Page - Renesas Technology Corp UPD17708 Datasheet HTML 211Page - Renesas Technology Corp UPD17708 Datasheet HTML 212Page - Renesas Technology Corp UPD17708 Datasheet HTML 213Page - Renesas Technology Corp UPD17708 Datasheet HTML 214Page - Renesas Technology Corp UPD17708 Datasheet HTML 215Page - Renesas Technology Corp UPD17708 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 358 page
background image
210
µPD17704, 17705, 17707, 17708, 17709
Figure 15-7. Configuration of PWM Data Registers (with 9-bit counter selected)
Note
This register is multiplexed with timer 3 modulo register.
Sets PWM output duty of each pin
Data buffer
DBF3
DBF2
Name
Symbol
Address
Bit
Data
DBF1
DBF0
b3 b2
b1 b0
b7
b8
b9
0
b10
0
b11
0
b12
0
b13
0
b14
0
b15
0
b6
b5 b4
PWM data register 2Note
PWMR2
46H
Power-On reset
WDT&SP reset
CE reset
Clock stop
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Retained
Transfer data
Valid data
0
x
Duty: D =
Fixed to “0”
1FFH
16 bits
GET
PUT
Name
Symbol
Address
Bit
Data
b3 b2
b1 b0
b7
b8
b9
0
b10
0
b11
0
b12
0
b13
0
b14
0
b15
0
b6
b5 b4
PWM data register 1
PWMR1
45H
Valid data
GET
PUT
Name
Symbol
Address
Bit
Data
b3 b2
b1 b0
b7
b8
b9
0
b10
0
b11
0
b12
0
b13
0
b14
0
b15
0
b6
b5 b4
PWM data register 0
PWMR0
44H
Valid data
GET
PUT
x+0.25
512
× 100 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com