Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 213Page - Renesas Technology Corp UPD17708 Datasheet HTML 214Page - Renesas Technology Corp UPD17708 Datasheet HTML 215Page - Renesas Technology Corp UPD17708 Datasheet HTML 216Page - Renesas Technology Corp UPD17708 Datasheet HTML 217Page - Renesas Technology Corp UPD17708 Datasheet HTML 218Page - Renesas Technology Corp UPD17708 Datasheet HTML 219Page - Renesas Technology Corp UPD17708 Datasheet HTML 220Page - Renesas Technology Corp UPD17708 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 358 page
background image
215
µPD17704, 17705, 17707, 17708, 17709
15.8 Status at Reset
15.8.1 At power-ON reset
The P1B0/PWM0 through P1B2/PWM2 pins are set in the general-purpose output port mode.
The output value is “low level”.
The value of each PWM data register (including the timer 3 modulo register) is “1FFH”.
15.8.2 At WDT&SP reset
The P1B0/PWM0 through P1B2/PWM2 pins are set in the general-purpose output port mode.
The output value is “low level”.
The value of each PWM data register (including the timer 3 modulo register) is “1FFH”.
15.8.3 At CE reset
The P1B0/PWM2 through P1B2/PWM2 pins retain the previous status.
That is, if the D/A converter is being used, the PWM output is retained as is. If timer 3 is being used, counting
continues.
15.8.4 On execution of clock stop instruction
The P1B0/PWM0 through P1B2/PWM2 pins are set in the general-purpose output port mode.
The output value is the “previous contents of the output latch”.
The value of each PWM data register (including the timer 3 modulo register) is “1FFH”.
15.8.5 In halt status
The P1B0/PWM0 through P1B2/PWM2 pins retain the previous status.
That is, if the D/A converter is being used, the PWM output is retained as is. If timer 3 is being used, counting
continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com