Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 221Page - Renesas Technology Corp UPD17708 Datasheet HTML 222Page - Renesas Technology Corp UPD17708 Datasheet HTML 223Page - Renesas Technology Corp UPD17708 Datasheet HTML 224Page - Renesas Technology Corp UPD17708 Datasheet HTML 225Page - Renesas Technology Corp UPD17708 Datasheet HTML 226Page - Renesas Technology Corp UPD17708 Datasheet HTML 227Page - Renesas Technology Corp UPD17708 Datasheet HTML 228Page - Renesas Technology Corp UPD17708 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 358 page
background image
223
µPD17704, 17705, 17707, 17708, 17709
Figure 16-5. Configuration of Serial I/O0 Status Detection Register
Name
Flag symbol
b3
S
I
O
0
S
F
8
b2
S
I
O
0
S
F
9
b1
S
B
S
T
T
b0
S
B
B
S
Y
Address
0DH
Read/Write
R
Serial I/O0 status detection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Detects stop condition
Detects start condition
Detects start /stop condition of I2C bus mode
0
1
0
1
0
1
I2C bus mode
Serial I/O mode
Retains “0”
Detects rising of clock when value of
clock counter is “9”
Detects start condition
Detects start condition and clock counter in I2C bus mode
I2C bus mode
Serial I/O mode
Retains “0”
Detects rising of clock when value of
clock counter is next to “9”
Value of clock counter is “9”
Detects clock counter
I2C bus mode
Serial I/O mode
Retains “0”
Detects rising of clock when value of clock counter is next to “8”
Value of clock counter is “8”
Detects clock counter
I2C bus mode
Serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com