Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 265Page - Renesas Technology Corp UPD17708 Datasheet HTML 266Page - Renesas Technology Corp UPD17708 Datasheet HTML 267Page - Renesas Technology Corp UPD17708 Datasheet HTML 268Page - Renesas Technology Corp UPD17708 Datasheet HTML 269Page - Renesas Technology Corp UPD17708 Datasheet HTML 270Page - Renesas Technology Corp UPD17708 Datasheet HTML 271Page - Renesas Technology Corp UPD17708 Datasheet HTML 272Page - Renesas Technology Corp UPD17708 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 358 page
background image
267
µPD17704, 17705, 17707, 17708, 17709
17.6 Using PLL Frequency Synthesizer
To control the PLL frequency synthesizer, the following data is necessary.
(1) Division mode
: Direct division (MF), pulse swallow (HF, VHF)
(2) Pins used
: VCOL and VCOH pins
(3) Reference frequency : fr
(4) Division value
: N
17.6.1 through 17.6.3 below describe how to set PLL data in each division mode (MF, HF, and VHF).
17.6.1 Direct division mode (MF)
(1) Selecting division mode
Select the direct division mode by using the PLL mode selection register.
(2) Pins used
The VCOL pin is enabled to operate when the direct division mode is selected.
(3) Selecting reference frequency fr
Select the reference frequency by using the PLL reference frequency selection register.
(4) Calculation of division value N
Calculate N as follows:
N =
fVCOL
fr
fVCOL : Input frequency of VCOL pin
fr
: Reference frequency
(5) Example of setting PLL data
How to set data to receive broadcasting in the following MW band is described below.
Reception frequency
: 1422 kHz (MW band)
Reference frequency
: 9 kHz
Intermediate frequency : +450 kHz
Division value N is calculated as follows:
N =
fVCOL
=
1422 + 450
= 208 (decimal)
fr
9
= 0D0H (hexadecimal)
Set data to the PLL data register, PLL mode selection register, and PLL reference frequency selection register
as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com