Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 331 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 331 Page - NEC

Back Button UPD17708 Datasheet HTML 327Page - NEC UPD17708 Datasheet HTML 328Page - NEC UPD17708 Datasheet HTML 329Page - NEC UPD17708 Datasheet HTML 330Page - NEC UPD17708 Datasheet HTML 331Page - NEC UPD17708 Datasheet HTML 332Page - NEC UPD17708 Datasheet HTML 333Page - NEC UPD17708 Datasheet HTML 334Page - NEC UPD17708 Datasheet HTML 335Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 356 page
background image
331
µPD17704, 17705, 17707, 17708, 17709
Data memory destruction start voltage
5 V
0 V
VDD
Values of data memory addresses not used for RAM judgment may be destroyed.
Data memory for RAM judgment (normal)
Data memory
21.7.4 Cautions on power failure detection by RAM judgment method
Because the values of the data memory on application of supply voltage VDD are basically “undefined”, the following
points (1) and (2) must be noted.
(1) Data to be compared
Where the number of bits of the data memory to be compared by the RAM judgment method is “n bits”, the
probability that the value of the data memory happens to coincide the value to be compared on application
of VDD is (1/2)n.
In other words, a power failure detected by the RAM judgment method may be judged as backup at a probability
of (1/2)n.
To minimize this probability, compare as many bits as possible.
Because the contents of the data memory on application of VDD are likely to be the same value such as “0000B”
and “1111B”, it is recommended that the data to be compared consist of a combination of “0”s and “1”s, such
as “1010B” and “0110B”.
(2) Cautions on program
If VDD rises from a level at which the contents of the data memory are destroyed as shown in Figure 21-17,
even if the value of the data memory to be compared is normal, the other parts of the data memory may be
destroyed.
If a power failure detection is performed by the RAM judgment method at this time, it is judged to be a backup.
Therefore, the program must be designed so that a hang-up does not occur even if the contents of the data
memory are destroyed.
Figure 21-17. VDD and Destruction of Data Memory Contents
(3) Cautions on using RESET pin
Caution If the device is reset by the RESET pin during program execution, the data in the data memory
may be corrupted.
Therefore, be careful when resetting with the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com