Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 327 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 327 Page - NEC

Back Button UPD17708 Datasheet HTML 323Page - NEC UPD17708 Datasheet HTML 324Page - NEC UPD17708 Datasheet HTML 325Page - NEC UPD17708 Datasheet HTML 326Page - NEC UPD17708 Datasheet HTML 327Page - NEC UPD17708 Datasheet HTML 328Page - NEC UPD17708 Datasheet HTML 329Page - NEC UPD17708 Datasheet HTML 330Page - NEC UPD17708 Datasheet HTML 331Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 356 page
background image
327
µPD17704, 17705, 17707, 17708, 17709
21.7 Power Failure Detection
Power failure detection is used to identify whether the device has been reset by application of supply voltage VDD,
RESET pin, or CE pin.
Because the contents of the data memory and output ports are “undefined” on power application, these contents
are initialized by using power failure detection.
Power failure detection can be performed in two ways: by detecting the BTM0CY flag and the contents of the data
memory (RAM judgment).
21.7.1 and 21.7.2 describe the power failure detection circuit and power failure detection by using the BTM0CY
flag.
21.7.3 and 21.7.4 describe power failure detection by RAM judgment method.
Figure 21-16. Power Failure Detection Flowchart
Program starts
Power failure
detection
Not power failure
Power failure
Initializes data
memory and output
ports
21.7.1 Power failure detection circuit
The power failure detection circuit consists of a voltage detection circuit, and basic timer 0 carry disable flip-flop
that is set by the output (power-ON clear signal) of the voltage detection circuit, and timer carry, as shown in Figure
21-1.
The basic timer 0 carry disable FF is set to 1 by the power-ON clear signal, and is reset to 0 when an instruction
that reads the BTM0CY flag is executed.
When the basic timer 0 carry disable FF is set to 1, the BTM0CY flag is not set to 1.
If the power-ON clear signal is output (at power-ON reset), the program starts with the BTM0CY flag reset. After
that, the BTM0CY flag is disabled from being set until an instruction that reads the flag is executed.
Once the instruction that reads this flag has been executed, the BTM0CY flag is set each time the basic timer 0
carry FF setting pulse rises. Therefore, by detecting the content of the BTM0CY flag when the device is reset, whether
the device has been reset by power-ON reset (power failure) or CE reset (not power failure) can be identified. That
is, the device has been reset by power-ON reset if the BTM0CY flag has been reset to 0. It has been reset by CE
reset if the flag has been set to 1.
Because the voltage at which a power failure can be detected is the same as that at which power-ON reset is
executed, VDD = 3.5 V during crystal oscillation and VDD = 2.2 V in the clock stop status.
The operation of the BTM0CY flag is the same regardless of whether the device has been reset by the RESET
pin or by power-ON reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com