Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 324 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 324 Page - NEC

Back Button UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC UPD17708 Datasheet HTML 323Page - NEC UPD17708 Datasheet HTML 324Page - NEC UPD17708 Datasheet HTML 325Page - NEC UPD17708 Datasheet HTML 326Page - NEC UPD17708 Datasheet HTML 327Page - NEC UPD17708 Datasheet HTML 328Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 356 page
background image
324
µPD17704, 17705, 17707, 17708, 17709
21.6.3 Stack pointer overflow/underflow reset
A reset signal is generated if the address or interrupt stack overflows or underflows.
Stack pointer overflow/underflow reset can be used to detect a program hang-up in the same manner as watchdog
timer reset.
The reset signal is generated under the following conditions:
• Interrupt due to overflow or underflow of interrupt stack (4 levels)
• Interrupt due to overflow or underflow of address stack (15 levels)
Reset by stack pointer overflow or underflow initializes all the registers, except the stack overflow selection register,
watchdog timer counter reset register, basic timer 0 carry register, and CE reset timer carry counter.
Generation of stack pointer overflow or underflow reset is detected by the WDTCY flag (R&Reset).
21.6.4 Stack pointer setting flag
The stack overflow/underflow reset selection register can be set only once after power-ON reset on power application
or reset by the RESET pin. This register specifies whether reset by address stack overflow or underflow and reset
by interrupt stack overflow or underflow are enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com