Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 323 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 323 Page - NEC

Back Button UPD17708 Datasheet HTML 319Page - NEC UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC UPD17708 Datasheet HTML 323Page - NEC UPD17708 Datasheet HTML 324Page - NEC UPD17708 Datasheet HTML 325Page - NEC UPD17708 Datasheet HTML 326Page - NEC UPD17708 Datasheet HTML 327Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 356 page
background image
323
µPD17704, 17705, 17707, 17708, 17709
The WDTRES flag is used to reset the watchdog timer counter.
When this flag is set to 1, the watchdog timer counter is automatically reset.
If the WDTRES flag is set to 1 once within a reference time in which the WDTCK0 and WDTCK1 flags are set, the
reset signal is not output by the watchdog timer.
Figure 21-13. Configuration of Watchdog Timer Counter Reset Register
Name
Flag symbol
b3
W
D
T
R
E
S
b2
0
b1
0
b0
0
Address
03H
Read/Write
W&Reset
Watchdog timer
counter reset
Power-ON reset
WDT&SP reset
CE reset
Clock stop
U
U
U
U
000
0
1
Invalid
Resets watchdog timer counter
Resets watchdog timer counter
Fixed to “0”
U: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com