Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 319 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 319 Page - NEC

Back Button UPD17708 Datasheet HTML 315Page - NEC UPD17708 Datasheet HTML 316Page - NEC UPD17708 Datasheet HTML 317Page - NEC UPD17708 Datasheet HTML 318Page - NEC UPD17708 Datasheet HTML 319Page - NEC UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC UPD17708 Datasheet HTML 323Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 356 page
background image
319
µPD17704, 17705, 17707, 17708, 17709
(2) Releasing from clock stop status
If the device is released from the backup status when supply voltage VDD is backed up at 2.2 V by using the
clock stop status, VDD must be raised to 3.5 V or more within tSET/2 after the clock stop status has been released
by INT pin interrupt or high level input to port 0D.
As shown in Figure 21-9, the device is released from the clock stop status by means of CE reset. However,
because the power-ON clear voltage is changed to 3.5 V tSET/2 after the clock stop status has been released,
power-ON reset is effected unless VDD is 3.5 V or higher.
The same applies when VDD is raised.
Figure 21-9. Releasing from Clock Stop Status
P0D
BTM0CY flag
setting pulse
XOUT
5 V
3.5 V
2.2 V
0 V
0 V
H
L
H
L
Power-ON
clear signal
H
L
Power-ON
clear voltage
Backup in clock stop
status
Halt status
tSET/2
Power-ON clear voltage changes
to 3.5 V at this point.
Therefore, VDD must be 3.5 V
or higher before this point.
Normal operation
Backup
STOP s instruction
H
VDD
Program starts
Power-ON clear voltage changes
to 2.2 V at this point.
Therefore, VDD must be 3.5 V
or higher before this point.
tSET: basic timer 0 setting time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com