Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 322 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 322 Page - NEC

Back Button UPD17708 Datasheet HTML 318Page - NEC UPD17708 Datasheet HTML 319Page - NEC UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC UPD17708 Datasheet HTML 323Page - NEC UPD17708 Datasheet HTML 324Page - NEC UPD17708 Datasheet HTML 325Page - NEC UPD17708 Datasheet HTML 326Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 356 page
background image
322
µPD17704, 17705, 17707, 17708, 17709
21.6.2 Watchdog timer setting flags
These flags can be set only once after power-ON reset on power application or reset by the RESET pin.
The WDTCK0 and WDTCK1 flags select an interval at which the reset signal is output.
The reference time can be selected to the following three conditions:
•
655356 instructions
•
131072 instructions
•
Watchdog timer not set
On power application, 131072 instructions are selected.
If the reset signal generation interval is specified to be 131072 instructions, the watchdog timer FF must be reset
at intervals not exceeding 131072 instructions. The valid reset period is from 1 to 131071 instructions.
If the reset signal generation interval is 65536 instructions, the watchdog timer FF must be reset at intervals not
exceeding 65536 instrutions. The valid reset period is from 1 to 65535 instructions.
Figure 21-12. Configuration of Watchdog Timer Clock Selection Register
Name
Flag symbol
b3
0
b2
0
b1
W
D
T
C
K
1
b0
W
D
T
C
K
0
Address
02H
Read/Write
R/WNote
Watchdog timer
clock selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
011
0
1
0
1
Does not set watchdog timer
65536 instructions
Setting prohibited
131072 instructions
Selects clock of watchdog timer
Fixed to “0”
0
0
1
1
Retained
Retained
Retained
Note
Can be written only once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com