Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 318 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 318 Page - NEC

Back Button UPD17708 Datasheet HTML 314Page - NEC UPD17708 Datasheet HTML 315Page - NEC UPD17708 Datasheet HTML 316Page - NEC UPD17708 Datasheet HTML 317Page - NEC UPD17708 Datasheet HTML 318Page - NEC UPD17708 Datasheet HTML 319Page - NEC UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 356 page
background image
318
µPD17704, 17705, 17707, 17708, 17709
21.4.4 Cautions on raising supply voltage VDD
The following points (1) and (2) must be noted when raising supply voltage VDD.
(1) To raise supply voltage VDD from level lower than power-ON clear voltage
Supply voltage VDD must be raised once to a level higher than 3.5 V.
Figure 21-8 illustrates this.
As shown in the figure, if a voltage less than 3.5 V is applied on application of VDD in a program that backs
up VDD at 2.2 V by using the clock stop instruction, the power-ON clear signal remains output, and the program
is not executed.
At this time, the output ports of the device output undefined values, increasing the current consumption in some
cases.
Consequently, the backup time when the device is backed up by batteries is substantially shortened.
Figure 21-8. Cautions on Raising VDD
VDD
BTM0CY flag
setting pulse
XOUT
5 V
3.5 V
2.2 V
0 V
H
L
H
L
Power-ON
clear signal
H
L
Power-ON
clear voltage
Operation stops
Halt status
50 ms
Because output ports are
undefined during this period,
current consumption may increase.
Power-ON reset
Progarm starts
Opera-
tion
stops
Normal operation
Back up
Initialize during this
period and then
execute clock stop
instruction
STOP s instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com