Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 314 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 314 Page - NEC

Back Button UPD17708 Datasheet HTML 310Page - NEC UPD17708 Datasheet HTML 311Page - NEC UPD17708 Datasheet HTML 312Page - NEC UPD17708 Datasheet HTML 313Page - NEC UPD17708 Datasheet HTML 314Page - NEC UPD17708 Datasheet HTML 315Page - NEC UPD17708 Datasheet HTML 316Page - NEC UPD17708 Datasheet HTML 317Page - NEC UPD17708 Datasheet HTML 318Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 356 page
background image
314
µPD17704, 17705, 17707, 17708, 17709
21.3.1 Power-ON reset during normal operation
Figure 21-6 (a) shows the operation.
As shown, the power-ON clear signal is output and the device operation is stopped if the supply voltage VDD drops
below 3.5 V, regardless of the input level of the CE pin.
If VDD rises beyond 3.5 V again, program execution starts from address 0000H after a halt of 50 ms.
Normal operation means operation without the clock stop instruction, and includes the halt status set by the halt
instruction.
21.3.2 Power-ON reset in clock stop status
Figure 21-6 (b) shows the operation.
As shown, the power-ON clear signal is output and the device operation is stopped when supply voltage VDD drops
below 2.2 V.
However, it does not appear that device operation has changed because the device is in the clock stop status.
If VDD rises beyond 3.5 V, program execution starts from address 0000H after a halt of 50 ms.
21.3.3 Power-ON reset when supply voltage VDD rises from 0 V
Figure 21-6 (c) shows the operation.
As shown, the power-ON clear signal is output until supply voltage VDD rises from 0 V to 3.5 V.
When VDD exceeds the power-ON clear voltage, the crystal oscillation circuit starts operating, and program execution
starts from address 0000H after a half of 50 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com