Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 310 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 310 Page - NEC

Back Button UPD17708 Datasheet HTML 306Page - NEC UPD17708 Datasheet HTML 307Page - NEC UPD17708 Datasheet HTML 308Page - NEC UPD17708 Datasheet HTML 309Page - NEC UPD17708 Datasheet HTML 310Page - NEC UPD17708 Datasheet HTML 311Page - NEC UPD17708 Datasheet HTML 312Page - NEC UPD17708 Datasheet HTML 313Page - NEC UPD17708 Datasheet HTML 314Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 356 page
background image
310
µPD17704, 17705, 17707, 17708, 17709
Figure 21-4. CE Reset Operation with Clock Stop Instruction
21.2.3 Cautions on CE reset
Because CE reset is effected regardless of the instruction under execution, the following points (1) and (2) must
be noted.
(1) Time to execute timer processing such as watch
When creating a watch program by using the basic timer 0 carry, the processing time of the program must be
kept to within a specific time.
For details, refer to 13.2.6 Cautions on using basic timer 0.
(2) Processing of data and flags used in program
Exercise care in rewriting the data and flags whose contents must not be changed even when CE reset is
effected, such as security code.
An example is shown below.
VDD
CE
XOUT
BTM0CY flag
setting pulse
CE reset timer
carry counter
Set value of CE reset
timer carry counter
Normal operation
5 V
0 V
H
L
H
L
H
L
H
L
H
H
L
L
tSET
N1
1
0
Clock stop status
Halt
status
tSET/2
STOP s instruction
Clock stop
status
released.
Oscillation
starts
CE reset
Program execution starts from address 0
CE reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com