Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 309 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 309 Page - NEC

Back Button UPD17708 Datasheet HTML 305Page - NEC UPD17708 Datasheet HTML 306Page - NEC UPD17708 Datasheet HTML 307Page - NEC UPD17708 Datasheet HTML 308Page - NEC UPD17708 Datasheet HTML 309Page - NEC UPD17708 Datasheet HTML 310Page - NEC UPD17708 Datasheet HTML 311Page - NEC UPD17708 Datasheet HTML 312Page - NEC UPD17708 Datasheet HTML 313Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 356 page
background image
309
µPD17704, 17705, 17707, 17708, 17709
Figure 21-3. CE Reset Operation without Clock Stop Instruction (2/2)
(b) If status of CE pin changes while CE counter operates
At this time, the CE reset timer carry counter status is not affected.
21.2.2 CE reset with clock stop (STOP s) instruction used
Figure 21-4 shows the operation.
When the clock stop instruction is used, the clock stop signal is output when the “STOP s” instruction is executed,
and oscillation is stopped and the device operation is stopped.
When the CE pin goes high, the clock stop status is released, and oscillation is started (high level input of P0D
or INT pin interrupt can also be used as the clock stop status releasing conditions. For details, refer to 20. STANDBY).
If the basic timer 0 carry FF setting pulse goes high after the CE pin has gone high, the halt status is released,
and program execution is started from address 0 (CE reset).
As the set time (tSET) of the basic timer 0 carry FF setting pulse, the value immediately before the clock stop
instruction is executed is retained.
Because the set value of the CE reset timer carry counter is initialized to 1, CE reset is effected tSET/2 after the
CE pin has gone high.
VDD
CE
XOUT
BTM0CY flag
setting pulse
CE reset timer
carry counter
Set value of CE reset
timer carry counter
CE reset signal
5 V
0 V
H
L
H
L
H
L
H
L
H
H
L
L
tSET
0
1
2
3
N–2
N–1
N
0
N
CE reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com