Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 305 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 305 Page - NEC

Back Button UPD17708 Datasheet HTML 301Page - NEC UPD17708 Datasheet HTML 302Page - NEC UPD17708 Datasheet HTML 303Page - NEC UPD17708 Datasheet HTML 304Page - NEC UPD17708 Datasheet HTML 305Page - NEC UPD17708 Datasheet HTML 306Page - NEC UPD17708 Datasheet HTML 307Page - NEC UPD17708 Datasheet HTML 308Page - NEC UPD17708 Datasheet HTML 309Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 356 page
background image
305
µPD17704, 17705, 17707, 17708, 17709
20.6.5 Configuration and function of CE pin interrupt request register
The CE pin interrupt request register detects the input signal level of the CE pin.
Figure 20-6 shows the configuration of the CE pin interrupt request register.
Figure 20-6. Configuration of CE Pin Interrupt Request Register
Name
Flag symbol
b3
C
E
b2
0
b1
C
E
C
N
T
S
T
T
b0
I
R
Q
C
E
Address
3FH
Read/Write
RNote
CE pin interrupt request
Power-ON reset
WDT&SP reset
CE reset
Clock stop
U
U
U
U
00
0
0
0
0
0
R
R
0
1
No interrupt request
Interrupt request
Sets interrupt request issuance status of CE pin
Stops
Operates
Detects status of CE reset counter
Low level is input
High level is input
Detects status of CE pin
Fixed to “0”
0
1
0
1
U: Undefined
R: Retained
Note
IRQCE is a R/W flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com