Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 304 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 304 Page - NEC

Back Button UPD17708 Datasheet HTML 300Page - NEC UPD17708 Datasheet HTML 301Page - NEC UPD17708 Datasheet HTML 302Page - NEC UPD17708 Datasheet HTML 303Page - NEC UPD17708 Datasheet HTML 304Page - NEC UPD17708 Datasheet HTML 305Page - NEC UPD17708 Datasheet HTML 306Page - NEC UPD17708 Datasheet HTML 307Page - NEC UPD17708 Datasheet HTML 308Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 356 page
background image
304
µPD17704, 17705, 17707, 17708, 17709
20.6.3 Resetting device
The device can be reset (CE reset) by raising the CE pin.
The device can also be reset as follows:
•
Power-ON reset on application of supply voltage VDD
•
Watchdog timer reset for software hang-up detection and stack overflow/underflow reset
•
Reset by RESET pin
For details, refer to 21. RESET.
20.6.4 Signal input to CE pin
The CE pin does not accept a low level or high level of less than 167
µs to prevent malfunctioning due to noise.
The level of the signal input to the CE pin can be detected by the CE pin status detection flag of the CE pin interrupt
request register (RF address 3FH).
Figure 20-5 shows the relationship between the input signal and CE flag.
Figure 20-5. Relationship between Input Signal of CE Pin and CE Flag
CE pin
CE flag
H
L
1
0
Less than 167
s
167
s
PLL can operate
PLL disabled
PLL disabledNote
CE reset is effected in
synchronization with next
basic timer 0 carry FF
(When CE reset count
register is “1”)
Less than 167
s
167
s
CE reset
µ
µ
µ
µ
Note
Unless the PLL mode selection register and PLL reference frequency selection register are rewritten by
software, the PLL disabled status is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com