Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 302 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 302 Page - NEC

Back Button UPD17708 Datasheet HTML 298Page - NEC UPD17708 Datasheet HTML 299Page - NEC UPD17708 Datasheet HTML 300Page - NEC UPD17708 Datasheet HTML 301Page - NEC UPD17708 Datasheet HTML 302Page - NEC UPD17708 Datasheet HTML 303Page - NEC UPD17708 Datasheet HTML 304Page - NEC UPD17708 Datasheet HTML 305Page - NEC UPD17708 Datasheet HTML 306Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 356 page
background image
302
µPD17704, 17705, 17707, 17708, 17709
Table 20-2. Status of Each Pin in Halt and Clock Stop Status and Cautions (1/2)
Pin Function
Pin Symbol
Status of Each Pin and Cautions on Processing
Halt status
Clock stop status
General-
Port 0A
P0A3/SDA
purpose
P0A2/SCL
I/O port
P0A1/SCK0
P0A0/SO0
Port 0B
P0B3/SI0
P0B2/SCK1
P0B1/SO1
P0B0/SI1
Port 0C
P0C3-P0C0
Port 1D
P1D3
P1D2
P1D1/BEEP1
P1D0/BEEP0
Port 2A
P2A2
P2A1/FCG1
P2A0/FCG0
Port 2B
P2B3-P2B0
Port 2C
P2C3-P2C0
Port 2D
P2D2-P2D0
Port 3A
P3A3-P3A0
Port 3B
P3B3-P3B0
Port 3C
P3C30P3C0
Port 3D
P3D3-P3D0
General-
Port 0D
P0D3/AD3
purpose
|
input port
P0D0/AD0
Port 1A
P1A3/INT4
P1A2/INT3
P1A1
P1A0/TM0G
Port 1C
P1C3/AD5
P1C2/AD4
P1C1/AMIFC
P1C0/FMIFC
General-
Port 1B
P1B3
purpose
P1B2/PWM2
output port
|
P1B0/PWM0
Retains status before halt
(1) When specified as output pin
Current consumption increases if pin
is externally pulled down while it
outputs high level, or externally pulled
up while it outputs low level.
Exercise care in using N-ch open-
drain output (P0A3, P0A2, P1B3
through P1B0)
(2) When specified as input pin
Current consumption increases due
to noise if pin is floated
(3) Port 0D (P0D3/AD3 through P0D0/
AD0)
Current consumption increases if pin
is externally pulled up because it is
provided with pull-down resistor
selectable by software
(4) Port 1C (P1C3/AD5, P1C2/AD4,
P1C1/AMIFC, P1C0/FMIFC)
When P1C1/AMIFC or P1C0/FMIFC
pin is used for IF counter, current
consumption increases because
internal amplifier operates
All port pins are set in general-purpose
port mode (except P0D3/AD3 through
P0D0/AD0, P1A3/INT4, P1A2/INT3,
P1C3/AD5, and P1C2/AD4)
Input or output mode of general-purpose
I/O port set before clock stop status is
retained.
(1) When specified as general-purpose
output port
Current consumption increases due
to noise if pin is floated
(2) When specified as general-purpose
input port
Current consumption does not
increase due to noise even if pin is
floated
(3) P1A3/INT4, P1A2/INT3
Set as interrupt pin and current
consumption increases due to external
noise if pin is floated
(4) P0D3/AD3 through P0D0/AD0,
P1C3/AD5, P1C2/AD4
Pin used for A/D converter is retained
as is.
Pull-down resistor of P0D3 through
P0D0 pin retains previous status
Specified as general-purpose output port.
Output contents are retained as is. If pin
is externally pulled down while it outputs
high level or externally pulled up while it
outputs low level, current consumption
increases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com