Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 308 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 308 Page - NEC

Back Button UPD17708 Datasheet HTML 304Page - NEC UPD17708 Datasheet HTML 305Page - NEC UPD17708 Datasheet HTML 306Page - NEC UPD17708 Datasheet HTML 307Page - NEC UPD17708 Datasheet HTML 308Page - NEC UPD17708 Datasheet HTML 309Page - NEC UPD17708 Datasheet HTML 310Page - NEC UPD17708 Datasheet HTML 311Page - NEC UPD17708 Datasheet HTML 312Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 356 page
background image
308
µPD17704, 17705, 17707, 17708, 17709
The operation of CE reset differs depending on whether the clock stop instruction is used or not.
This difference is described in 21.2.1 and 21.2.2 below.
21.2.3 describes the points to be noted when CE reset is effected.
21.2.1 CE reset without clock stop (STOP s) instruction
Figure 21-2 shows the operation.
When the CE pin has gone high, the CE reset timer carry counter starts counting at the rising edge of the basic
timer 0 carry FF setting pulse.
Figure 21-3. CE Reset Operation without Clock Stop Instruction (1/2)
(a) Normal operation
•
When “N” is set to CE reset timer carry counter
•
When “1” is set to CE reset timer carry counter
VDD
CE
XOUT
BTM0CY flag
setting pulse
CE reset timer
carry counter
Set value of CE reset timer
carry counter
CE reset signal
5 V
0 V
H
L
H
L
H
L
H
L
H
H
L
L
tSET
0
1
2
3
N–2
N–1
N
0
N
CE reset
VDD
CE
XOUT
BTM0CY flag
setting pulse
CE reset timer
carry counter
Set value of CE reset
timer carry counter
CE reset signal
CE reset
5 V
0 V
H
L
H
L
H
L
H
L
H
H
L
L
tSET
01
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com