Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 320 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 320 Page - NEC

Back Button UPD17708 Datasheet HTML 316Page - NEC UPD17708 Datasheet HTML 317Page - NEC UPD17708 Datasheet HTML 318Page - NEC UPD17708 Datasheet HTML 319Page - NEC UPD17708 Datasheet HTML 320Page - NEC UPD17708 Datasheet HTML 321Page - NEC UPD17708 Datasheet HTML 322Page - NEC UPD17708 Datasheet HTML 323Page - NEC UPD17708 Datasheet HTML 324Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 356 page
background image
320
µPD17704, 17705, 17707, 17708, 17709
21.5 Reset by RESET Pin
The device is reset by the RESET pin in the following cases:
•
To reset the device at voltage higher than power-ON clear voltage
•
External reset input in case of software hang-up
Caution If the device is reset by the RESET pin during program execution, the data in the data memory
may be corrupted.
Therefore, be careful when resetting with the RESET pin.
The reset operation is the same as that performed at power-ON reset.
When a low level is input to the RESET pin, an internal reset signal is generated, the crystal oscillation circuit is
stopped, and the device stops operation.
At this point, the program counter, stack, system registers, and control registers are initialized (for the initial value,
refer to the description of each register).
When the RESET pin is raised next time, the crystal oscillation is started, and the device waits to be released from
the halt wait status by the basic timer 0 carry which has been initialized to a 100-ms cycle. The program starts from
address 0 at the rising edge of the basic timer 0 carry FF setting signal 50 ms after a high level has been input to the
RESET pin.
Because the
µPD17709 has a power-ON reset function, connect the RESET pin to VDD via resistor if the RESET
pin is not used for the above application.
Figure 21-10. Reset Operation by RESET Pin
VDD
RESET
XOUT
BTM0CY flag
setting pulse
5 V
0 V
H
L
H
L
H
L
Device opeation stops
Halt status
50 ms
Oscillation starts
Program starts
from address 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com