Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 336 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 336 Page - NEC

Back Button UPD17708 Datasheet HTML 332Page - NEC UPD17708 Datasheet HTML 333Page - NEC UPD17708 Datasheet HTML 334Page - NEC UPD17708 Datasheet HTML 335Page - NEC UPD17708 Datasheet HTML 336Page - NEC UPD17708 Datasheet HTML 337Page - NEC UPD17708 Datasheet HTML 338Page - NEC UPD17708 Datasheet HTML 339Page - NEC UPD17708 Datasheet HTML 340Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 356 page
background image
336
µPD17704, 17705, 17707, 17708, 17709
22.4 Assembler (RA17K) Embedded Macro Instruction
Legend
flag n : FLG symbol
n
: Bit number
< >
: Can be omitted
Mnemonic
Operand
Operation
n
Embedded
SKTn
flag 1, ... flag n
if (flag1) ~ (flag n) = all “1”, then skip
1
≤ n ≤ 4
macro
SKFn
flag 1, ... flag n
if (flag 1) ~ (flag n) = all “0”, then skip
1
≤ n ≤ 4
SETn
flag 1, ... flag n
(flag 1) ~ (flag n)
← 11 ≤ n ≤ 4
CLRn
flag 1, ... flag n
(flag 1) ~ (flag n)
← 01 ≤ n ≤ 4
NOTn
flag 1, ... flag n
if (flag n) = “0”, then (flag n)
← 11 ≤ n ≤ 4
if (flag n) = “1”, then (flag n)
← 0
INITFLG
<NOT> flag 1,
if description = NOT flag n, then (flag n)
← 01 ≤ n ≤ 4
... <<NOT> flag n>
if description = flag n, then (flag n)
← 1
BANKn
(BANK)
← n0 ≤ n ≤ 15
Expanded
BRX
Label
Jump Label
—
instruction
CALLX
function-name
CALL sub-routine
—
SYSCALX
function-name or
CALL system sub-routine
—
expression
INITFLGX
<NOT/INV> flag 1,
if description = NOT (or INV)
n
≤ 4
... <NOT/INV> flag n
flag, (flag)
← 0
if description = flag, (flag)
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com