Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 338 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 338 Page - NEC

Back Button UPD17708 Datasheet HTML 334Page - NEC UPD17708 Datasheet HTML 335Page - NEC UPD17708 Datasheet HTML 336Page - NEC UPD17708 Datasheet HTML 337Page - NEC UPD17708 Datasheet HTML 338Page - NEC UPD17708 Datasheet HTML 339Page - NEC UPD17708 Datasheet HTML 340Page - NEC UPD17708 Datasheet HTML 341Page - NEC UPD17708 Datasheet HTML 342Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 356 page
background image
338
µPD17704, 17705, 17707, 17708, 17709
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
23.3 Port Registers
Symbol Name Attribute
Value
R/W
Description
P0A3
FLG
0.70H.3
R/W
Bit 3 of port 0A
P0A2
FLG
0.70H.2
R/W
Bit 2 of port 0A
P0A1
FLG
0.70H.1
R/W
Bit 1 of port 0A
P0A0
FLG
0.70H.0
R/W
Bit 0 of port 0A
P0B3
FLG
0.71H.3
R/W
Bit 3 of port 0B
P0B2
FLG
0.71H.2
R/W
Bit 2 of port 0B
P0B1
FLG
0.71H.1
R/W
Bit 1 of port 0B
P0B0
FLG
0.71H.0
R/W
Bit 0 of port 0B
P0C3
FLG
0.72H.3
R/W
Bit 3 of port 0C
P0C2
FLG
0.72H.2
R/W
Bit 2 of port 0C
P0C1
FLG
0.72H.1
R/W
Bit 1 of port 0C
P0C0
FLG
0.72H.0
R/W
Bit 0 of port 0C
P0D3
FLG
0.73H.3
RNote
Bit 3 of port 0D
P0D2
FLG
0.73H.2
RNote
Bit 2 of port 0D
P0D1
FLG
0.73H.1
RNote
Bit 1 of port 0D
P0D0
FLG
0.73H.0
RNote
Bit 0 of port 0D
P1A3
FLG
1.70H.3
RNote
Bit 3 of port 1A
P1A2
FLG
1.70H.2
RNote
Bit 2 of port 1A
P1A1
FLG
1.70H.1
RNote
Bit 1 of port 1A
P1A0
FLG
1.70H.0
RNote
Bit 0 of port 1A
P1B3
FLG
1.71H.3
R/W
Bit 3 of port 1B
P1B2
FLG
1.71H.2
R/W
Bit 2 of port 1B
P1B1
FLG
1.71H.1
R/W
Bit 1 of port 1B
P1B0
FLG
1.71H.0
R/W
Bit 0 of port 1B
P1C3
FLG
1.72H.3
RNote
Bit 3 of port 1C
P1C2
FLG
1.72H.2
RNote
Bit 2 of port 1C
P1C1
FLG
1.72H.1
RNote
Bit 1 of port 1C
P1C0
FLG
1.72H.0
R/W
Bit 0 of port 1C
Note
These are input ports. However, even if an instruction that outputs data to these ports is described, the
assembler and in-circuit emulator do not output an error message. Moreover, nothing is affected in terms
of operation even if such an instruction is actually executed on the device.
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– – ––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com