Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 347 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 347 Page - NEC

Back Button UPD17708 Datasheet HTML 343Page - NEC UPD17708 Datasheet HTML 344Page - NEC UPD17708 Datasheet HTML 345Page - NEC UPD17708 Datasheet HTML 346Page - NEC UPD17708 Datasheet HTML 347Page - NEC UPD17708 Datasheet HTML 348Page - NEC UPD17708 Datasheet HTML 349Page - NEC UPD17708 Datasheet HTML 350Page - NEC UPD17708 Datasheet HTML 351Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 356 page
background image
347
µPD17704, 17705, 17707, 17708, 17709
DC Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply current
IDD1
When CPU is operating and PLL is stopped with
1.5
3.0
mA
sine wave input to XIN pin.
(fIN = 4.5 MHz
±1%, VIN = VDD)
IDD2
When CPU and PLL are stopped with sine wave
0.7
1.5
mA
input to XIN pin.
(fIN = 4.5 MHz
±1%, VIN = VDD)
With HALT instruction
Data retention voltage
VDDR1
Crystal oscillation
3.5
5.5
V
VDDR2
Crystal
Power failure detection by timer FF
2.2
5.5
V
VDDR3
oscillation stops
Data memory retained
2.0
5.5
V
Data retention current
IDDR1
Crystal
VDD = 5 V, TA = 25
°C
2.0
4.0
µA
IDDR2
oscillation stops
2.0
30.0
µA
High-level input voltage
VIH1
P0A0, P0B1, P0C0-P0C3, P1A0, P1A1, P1C0-P1C3,
0.7VDD
VDD
V
P1D0-P1D3, P2A2, P2B0-P2B3, P2C0-P2C3,
P2D0-P2D2, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3,
P3D0-P3D3
VIH2
P0A1-P0A3, P0B0, P0B2, P0B3, P2A0, P2A1, CE,
0.8VDD
VDD
V
INT0-INT4, RESET
VIH3
P0D0-P0D3
0.55VDD
VDD
V
Low-level input voltage
VIL1
P0A0, P0B1, P0C0-P0C3, P1A0, P1A1, P1C0-P1C3,
0
0.3VDD
V
P1D0-P1D3, P2A2, P2B0-P2B3, P2C0-P2C3,
P2D0-P2D2, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3,
P3D0-P3D3
VIL2
P0A1-P0A3, P0B0, P0B2, P0B3, P2A0, P2A1, CE,
0
0.2VDD
V
INT0-INT4, RESET
VIL3
P0D0-P0D3
0
0.15VDD
V
High-level output current
IOH1
P0A0-P0A3, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3,
–1.0
mA
P2A0-P2A2, P2B0-P2B3, P2C0-P2C3, P2D0-P2D2,
P3A0-P3A3, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3
VOH = VDD–1 V
IOH2
EO0, EO1
VDD = 4.5~5.5 V, VOH = VDD–1 V
–3.0
mA
Low-level output current
IOL1
P0A0-P0A3, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3,
1.0
mA
P2A0-P2A2, P2B0-P2B3, P2C0-P2C3, P2D0-P2D2,
P3A0-PA3A, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3
VOL = 1 V
IOL2
EO0, EO1
VDD = 4.5 ~ 5.5 V, VOL = 1 V
3.0
mA
IOL3
P1B0-P1B3
VOL = 1 V
7.0
mA
High-level input current
IIH
P0D0 through P0D3 pulled down
VIN = VDD
5.0
150
µA
Output off leakage
ILO1
P1B0-P1B3
VIN = 12 V
1.0
µA
current
ILO2
EO0, EO1
VIN = VDD, VIN = 0 V
±1.0
µA
High-level input leakage
ILIH
Input pin
VIN = VDD
1.0
µA
current
Low-level input leakage
ILIL
Input pin
VIN = 0 V
–1.0
µA
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com