Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 348 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 348 Page - NEC

Back Button UPD17708 Datasheet HTML 344Page - NEC UPD17708 Datasheet HTML 345Page - NEC UPD17708 Datasheet HTML 346Page - NEC UPD17708 Datasheet HTML 347Page - NEC UPD17708 Datasheet HTML 348Page - NEC UPD17708 Datasheet HTML 349Page - NEC UPD17708 Datasheet HTML 350Page - NEC UPD17708 Datasheet HTML 351Page - NEC UPD17708 Datasheet HTML 352Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 356 page
background image
348
µPD17704, 17705, 17707, 17708, 17709
AC Characteristics (TA = –40 to +85
°C, VDD = 5 V±10%)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating frequency
fIN1
VCOL pin, MF mode, sine wave input
0.5
3
MHz
VIN = 0.1 Vp-pNote
fIN2
VCOL pin, HF mode, sine wave input
10
40
MHz
VIN = 0.1 Vp-pNote
fIN3
VCOH pin, VHF mode, sine wave input
60
130
MHz
VIN = 0.1 Vp-pNote
fIN4
AMIFC pin, sine wave input
0.4
0.5
MHz
VIN = 0.15 Vp-pNote
fIN5
FMIFC pin, FMIF count mode, sine wave input
10
11
MHz
VIN = 0.20 Vp-p
fIN6
FMIFC pin, AMIF count mode, sine wave input
0.4
0.5
MHz
VIN = 0.15 Vp-p
SIO0 input frequency
fIN7
External clock
1
MHz
SIO1 input frequency
fIN8
External clock
0.7
MHz
Note
The condition of sine wave input VIN = 0.1 Vp-p is the rated value when the
µPD17704, 17705, 17707, 17708,
or 17709 alone is operating. Where influence of noise must be taken into consideration, operation under
input amplitude condition of VIN = 0.15 Vp-p is recommended.
A/D Converter Characteristics (TA = –40 to +85
°C, VDD = 5 V±10%)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
A/D conversion total error
8 BIT
±3.0
LSB
A/D conversion total error
8 BIT
TA = 0 ~ 85
°C
±2.5
LSB
Reference Characteristics (TA = +25
°C, VDD = 5.0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply current
IDD3
When CPU and PLL are operating with sine wave
6.0
12.0
mA
input to VCOH pin
(fIN = 130 MHz, VIN = 0.3 Vp-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com