Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 352 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 352 Page - NEC

Back Button UPD17708 Datasheet HTML 348Page - NEC UPD17708 Datasheet HTML 349Page - NEC UPD17708 Datasheet HTML 350Page - NEC UPD17708 Datasheet HTML 351Page - NEC UPD17708 Datasheet HTML 352Page - NEC UPD17708 Datasheet HTML 353Page - NEC UPD17708 Datasheet HTML 354Page - NEC UPD17708 Datasheet HTML 355Page - NEC UPD17708 Datasheet HTML 356Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 352 / 356 page
background image
352
µPD17704, 17705, 17707, 17708, 17709
APPENDIX B. DEVELOPMENT TOOLS
The following development tools are available for development of programs for the
µPD17709.
Hardware
Name
Outline
IE-17K, IE-17K-ET, and EMU-17K are in-circuit emulators that can be used with any model in the 17K
series.
IE-17K and IE-17K-ET are connected to a host machine, which is PC-9800 series or IBM PC/ATTM,
with RS-232C. EMU-17K is mounted to the expansion slot of a host machine, PC-9800 series.
By using these in-circuit emulators with a system evaluation board (SE board) corresponding to each
model, these emulators operate dedicated to the model. When man-machine interface software
SIMPLEHOSTTM is used, a more sophisticated debugging environment can be created.
EMU-17K also has a function to allow you to check the contents of the data memory real-time.
SE-17709 is an SE board for the
µPD17709 subseries. This board can be used alone to evaluate a
system, or in combination with an in-circuit emulator for debugging.
EP-17K80GC is an emulation probe for the
µPD17709 subseries. By using this probe with EV-
9200GC-80Note 3, the SE board and target system are connected.
EV-9200GC-80 is a conversion socket for 80-pin plastic QFP (14
× 14 mm). It is used to connect EP-
17K80GC and target system.
PG-1500 is a PROM programmer supporting
µPD17P709. It can program µPD17P709 when connected
with PG-1500 adapter PA-17KDZ and programmer adapter PA-17P709GC.
PA-17P709GC is an adapter to program
µPD17P709. It is used with PG-1500.
Notes 1. Low-price model: external power supply type
2. This is a product of I.C Corp. For details, consult I.C Corp. ((03) 3447-3793).
3. One EV-9200GC-80 is supplied with the EP-17K80GC. Five EV-9200GC-80 are also available as a set.
Remark
Third party PROM programmers AF-9703, AF-9704, AF-9705, and AF-9706 are available from Ando
Electric Co., Ltd. Use these programmers with programmer adapter PA-17P709GC. For details, consult
Ando Electric Co., Ltd. ((03) 3733-1163).
In-circuit emulator
IE-17K
IE-17K-ETNote 1
EMU-17KNote 2
SE board
(SE-17709)
Emulation probe
(EP-17K80GC)
Conversion socket
(EV-9200GC-80Note 3)
PROM programmer
(PG-1500)
Programmer adapter
(PA-17P709GC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com