Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 111 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 111 Page - NEC

Back Button UPD17708 Datasheet HTML 107Page - NEC UPD17708 Datasheet HTML 108Page - NEC UPD17708 Datasheet HTML 109Page - NEC UPD17708 Datasheet HTML 110Page - NEC UPD17708 Datasheet HTML 111Page - NEC UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 356 page
background image
111
µPD17704, 17705, 17707, 17708, 17709
11.2.4 When using I/O port as input port
The port pin to be set in the input mode is selected by the I/O selection register corresponding to the port.
Ports P0A, P0B, P0C, P1D, P2A, P2B, P2C, and P2D can be set in the input or output mode in 1-bit units.
P3A, P3B, P3C, and P3D can be set in the input or output mode in 4-bit units.
The pin set in the input mode is floated (Hi-Z) and waits for input of an external signal.
The input data is read by executing a read instruction (such as SKT) to the port register corresponding to
the port pin.
“1” is read from the port register when a high level is input to the corresponding port pin; when a low level
is input to the port pin, “0” is read from the register.
When a write instruction (such as MOV) is executed to the port register corresponding to the pin set in the
input mode, the contents of the output latch are rewritten.
11.2.5 When using I/O port as output port
The port pin to be set in the output mode is selected by the I/O selection register corresponding to the port.
Ports P0A, P0B, P0C, P1D, P2A, P2B, P2C, and P2D can be set in the input or output mode in 1-bit units.
P3A, P3B, P3C, and P3D can be set in the input or output mode in 4-bit units.
The pin set in the output mode outputs the contents of the output latch.
The output data is set by executing a write instruction (such as MOV) to the port register corresponding to
the port pin.
Write “1” to the port register to output a high level to the port pin; write “0” to output a low level. The port pin
can be also floated (Hi-Z) if it is set in the input mode.
If a read instruction (such as SKT) is executed to the port register corresponding to a port pin set in the output
mode, the contents of the output latch are read.
Note, however, that the contents of the output latch of the P0A3 and P0A2 pins may differ from the read
contents because the status of these pins are read as are (refer to 11.2.6).
11.2.6 Cautions on using I/O port (P0A3 and P0A2 pins)
When using the P0A3 and P0A2 pins in the output mode, the contents of the output latch may be rewritten
as shown in the example below.
Example To set the P0A3 and P0A2 pins in the output mode
BANK15
INITFLG P0ABI03, P0ABI02, NOT P0ABI01, NOT P0ABI00 ; Sets P0A3 and P0A2 pins in
output mode
INITFLG P0A3, P0A2, NOT P0A1, NOT P0A0
; Outputs high level to P0A3 and
P0A2 pins
; <1>
CLR1
P0A3
; Outputs low level to P0A3 pin
MACRO EXTEND
AND
.MF.P0A3 SHR 4, #.DF.(NOT P0A3 AND 0FH)
If the P0A2 pin is externally made low when the instruction in the above example <1> is executed,
the contents of the output latch of the P0A2 pin are rewritten to “0” by the CLR1 instruction.
In other words, if an instruction that reads the contents of port register P0A is executed while the
P0A3 or P0A2 pin is set in the output mode, the contents of the output latch are rewritten to the
pin level at that time, regardless of the previous status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com