Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 114 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 114 Page - NEC

Back Button UPD17708 Datasheet HTML 110Page - NEC UPD17708 Datasheet HTML 111Page - NEC UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC UPD17708 Datasheet HTML 117Page - NEC UPD17708 Datasheet HTML 118Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
114
11.3.2 Using input port
The input data is read by executing a read instruction (such as SKT) to the port register corresponding to
the port pin.
“1” is read from the port register when a high level is input to the corresponding port pin; when a low level
is input to the port pin, “0” is read from the register.
Nothing is affected even if a write instruction (such as MOV) is executed to the port register.
P0D has a pull-down resistor that can be connected or disconnected by software in 1-bit units. The pull-down
resistor is connected when “0” is written to the corresponding bit of the port 0D pull-down resistor selection
register. When “1” is written to the corresponding bit of this register, the pull-down resistor is disconnected.
11.3.3 Port 0D pull-down resistor selection register
The port 0D pull-down resistor selection register specifies whether a pull-down resistor is connected to P0D3
through P0D0 pins. The configuration and function of this register are illustrated below.
•
Port 0D pull-down resistor selection register
Name
Flag symbol
b3
P
0
D
P
L
D
3
b2
P
0
D
P
L
D
2
b1
P
0
D
P
L
D
1
b0
P
0
D
P
L
D
0
Address
(BANK15)
66H
Read/Write
R/W
Port 0D pull-down resistor
selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Connects pull-down resistor to P0D0 pin
Disconnects pull-down resistor from P0D0 pin
Selects pull-down resistor of P0D0 pin
Retained
Retained
Connects pull-down resistor to P0D1 pin
Disconnects pull-down resistor from P0D1 pin
Selects pull-down resistor of P0D1 pin
0
1
Connects pull-down resistor to P0D2 pin
Disconnects pull-down resistor from P0D2 pin
Selects pull-down resistor of P0D2 pin
0
1
Connects pull-down resistor to P0D3 pin
Disconnects pull-down resistor from P0D3 pin
Selects pull-down resistor of P0D3 pin
0
1
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com