Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 116 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 116 Page - NEC

Back Button UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC UPD17708 Datasheet HTML 117Page - NEC UPD17708 Datasheet HTML 118Page - NEC UPD17708 Datasheet HTML 119Page - NEC UPD17708 Datasheet HTML 120Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
116
11.4 General-Purpose Output Port (P1B)
11.4.1 Configuration of output port
The configuration of the output port is shown below.
(1) P1B (P1B3, P1B2, P1B1, P1B0)
11.4.2 Using output port
The output port outputs the contents of the output latch to each pin.
The output data is set by executing a write instruction (such as MOV) to the port register corresponding to
the port pin.
Write “1” to the port register to output a high level to the port pin; write “0” to output a low level.
However, because P1B is an N-ch open-drain output port, it is floated when it outputs a high level. Therefore,
an external pull-up resistor must be connected to this port.
If a read instruction (such as SKT) is executed to the port register, the contents of the output latch are read.
11.4.3 Status of output port at reset
(1) At power-ON reset
The contents of the output latch are output.
The contents of the output latch are reset to “0”.
(2) At WDT&SP reset
The contents of the output latch are output.
The contents of the output latch are reset to “0”.
(3) At CE reset
The contents of the output latch are output.
The contents of the output latch are retained.
(4) On execution of clock stop instruction
The contents of the output latch are output.
The contents of the output latch are retained.
(5) In halt status
The contents of the output latch are output.
The contents of the output latch are retained.
Output
latch
Read instruction
Port register
(1 bit)
Write instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com