Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 156 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 156 Page - NEC

Back Button UPD17708 Datasheet HTML 152Page - NEC UPD17708 Datasheet HTML 153Page - NEC UPD17708 Datasheet HTML 154Page - NEC UPD17708 Datasheet HTML 155Page - NEC UPD17708 Datasheet HTML 156Page - NEC UPD17708 Datasheet HTML 157Page - NEC UPD17708 Datasheet HTML 158Page - NEC UPD17708 Datasheet HTML 159Page - NEC UPD17708 Datasheet HTML 160Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
156
Therefore, as shown in Figure 13-7, the error of the time until the BTM0CY flag is first set after the
BTM0CY flag setting time has been changed is as follows:
–tSET < Error < tCHECK
tSET
: new setting time of BTM0CY flag
tCHECK : time to detect BTM0CY flag
Phase differences are provided among the internal pules of 10, 20, 50, and 100 Hz. Because these phase
differences are shorter than the newly set pulse time, they are included in the above error.
Figure 13-7. Timer Error When BTM0CY Flag Setting Time Is Changed from A to B
H
L
H
L
H
L
H
L
tSET
SKT1 BTM0CY
Intrinsic timer time
Actual timer time
Time changed
Internal pulse A
Internal pulse B
BTM0CY flag
setting pulse
BTM0CY flag
tSET
tCHECK
Actual timer time
Intrinsic timer time
Time changed
An error of tCHECK occurs if the timer time is
changed immediately after BTM0CY flag
has been detected because the flag is then
reset once.
An error of -tSET occurs if BTM0CY flag is
detected immediately after the timer time
has been changed because the flag then
becomes “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com