Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 157 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 157 Page - NEC

Back Button UPD17708 Datasheet HTML 153Page - NEC UPD17708 Datasheet HTML 154Page - NEC UPD17708 Datasheet HTML 155Page - NEC UPD17708 Datasheet HTML 156Page - NEC UPD17708 Datasheet HTML 157Page - NEC UPD17708 Datasheet HTML 158Page - NEC UPD17708 Datasheet HTML 159Page - NEC UPD17708 Datasheet HTML 160Page - NEC UPD17708 Datasheet HTML 161Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 356 page
background image
157
µPD17704, 17705, 17707, 17708, 17709
13.2.6 Cautions on using basic timer 0
(1) BTM0CY flag detection time interval
Keep the time to detect the BTM0CY flag shorter than the time at which the BTM0CY flag is set.
This is because, if the time of processing B is longer than the time interval at which the BTM0CY flag
is set as shown in Figure 13-8, setting of the BTM0CY flag is overlooked.
Figure 13-8. BTM0CY Flag Detection and BTM0CY Flag
(2) Timer updating processing time and BTM0CY flag detection time interval
As described in (1) above, time interval tSET at which the BTM0CY flag is detected must be shorter than
the time for which to set the BTM0CY flag.
At this time, even if the time interval at which the BTM0CY flag is detected is short, if the updating
processing time of the timer is long the processing of the timer may not be executed normally at CE reset.
Therefore, the following condition must be satisfied.
tCHECK + tTIMER < tSET
tCHECK : time to detect BTM0CY flag
tTIMER : timer updating processing time
tSET
: time to set BTM0CY flag
An example is given below.
H
BTM0CY flag
setting pulse
BTM0CY flag
L
SKT1 BTM0CY SKT1 BTM0CY
Processing A
Processing B
SKT1 BTM0CY
tSET
<1>
<2>
<3>
<4>
<5>
1
0
Because execution time of processing B takes too long
after detection of BTM0CY flag that has been set to “1”
in <2>, BTM0CY flag that is set to “1” in <3> cannot be
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com