Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 163 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 163 Page - NEC

Back Button UPD17708 Datasheet HTML 159Page - NEC UPD17708 Datasheet HTML 160Page - NEC UPD17708 Datasheet HTML 161Page - NEC UPD17708 Datasheet HTML 162Page - NEC UPD17708 Datasheet HTML 163Page - NEC UPD17708 Datasheet HTML 164Page - NEC UPD17708 Datasheet HTML 165Page - NEC UPD17708 Datasheet HTML 166Page - NEC UPD17708 Datasheet HTML 167Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 356 page
background image
163
µPD17704, 17705, 17707, 17708, 17709
13.3 Timer 0
13.3.1 Outline of timer 0
Figure 13-11 shows the outline of timer 0.
The timer 0 is used as timer (modulo mode) by comparing the count value with the previously set value after
the basic clock (100 kHz, 10 kHz, 2 kHz, and 1 kHz) has counted by the 8-bit counter.
The pulse width of the signal input from the TM0G pin can be measured (external gate counter).
Figure 13-11. Outlines Timer 0
Remarks 1. TM0CK1 and TM0CK0 (bits 1 and 0 of timer 0 counter clock selection register: refer to Figure
13-13) set a basic clock frequency.
2. TM0MD (bit 0 of timer 0 mode selection register: refer to Figure 13-14) selects the modulo
counter and gate counter.
3. TM0GOEG (bit 1 of timer 0 mode selection register: refer to Figure 13-14) sets the open edge
of an external gate.
4. TM0GCEG (bit 2 of timer 0 mode selection register: refer to Figure 13-14) sets the close edge
of an external gate.
5. TM0OVF (bit 3 of timer 0 mode selection register: refer to Figure 13-14) detects an overflow
of timer 0 counter.
6. TM0RES (bit 2 of timer 0 counter clock selection register: refer to Figure 13-13) resets timer
0 counter.
Clock selection
4.5 MHz
Gate control
P1A0/TM0G
Start/stop
Timer 0 counter (TM0C)
TM0CK1 flag
TM0CK0 flag
TM0GCEG flag
TM0GOEG flag
TM0MD flag
TM0MD flag
Coincidence detection circuit
8
TM0RES
flag
DBF
Gate closed
Overflow
Sets IRQTM0 flag
TM0OVF flag
DBF
8
Timer 0 modulo register
(TM0M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com