Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 164 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 164 Page - NEC

Back Button UPD17708 Datasheet HTML 160Page - NEC UPD17708 Datasheet HTML 161Page - NEC UPD17708 Datasheet HTML 162Page - NEC UPD17708 Datasheet HTML 163Page - NEC UPD17708 Datasheet HTML 164Page - NEC UPD17708 Datasheet HTML 165Page - NEC UPD17708 Datasheet HTML 166Page - NEC UPD17708 Datasheet HTML 167Page - NEC UPD17708 Datasheet HTML 168Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
164
13.3.2 Clock selection, start/stop control, and gate control blocks
Figure 13-12 shows the configuration of these blocks.
The clock selection block selects a basic clock to operate timer 0 counter.
Four types of basic clocks can be selected by using the TM0CK1 and TM0CK0 flags.
Figure 13-13 shows the configuration and function of each flag.
The start/stop block controls the TM0MD flag and open/close signal from the gate control block, and starts
or stops the basic clock to be input to timer 0 counter by the TM0EN flag.
The gate control block sets the opening or closing conditions of the gate.
It sets whether the gate is opened or closed by a rising or falling of the input signal, by using the TM0GOEG
and TM0GCEG flags. This block also issues an interrupt request when the closing condition of the gate is
detected.
Figure 13-14 shows the configuration and function of each flag.
Figure 13-12. Configuration of Clock Selection, Start/Stop Control, and Gate Control Blocks
Selector
100 kHz
10 kHz
2 kHz
1 kHz
TM0CK1
TM0CK0
Clock selection
Divider
4.5 MHz
Start/stop
Timer 0 counter
TM0EN flag
TM0MD flag
TM0MD flag
P1A0/TM0G
TM0GOEG
TM0GCEG
Gate control
Open/
close
Edge
detection
Timer 0 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com