Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 58 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics RM0352 Datasheet HTML 57Page - STMicroelectronics RM0352 Datasheet HTML 58Page - STMicroelectronics RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics RM0352 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
ARM© dual timer module (SP804)
RM0352
58/138
DocID024647 Rev 1
8.3.1
Summary of registers
A summary of the registers is provided in
Table 52 and base address of each dual timer is
listed below.
The Timer0 base address is 0xA640_0000
The Timer1 base address is 0xA740_0000.
The Timer2 base address is 0xA840_0000.
The Timer3 base address is 0xA940_0000.
The Timer4 base address is 0xA680_0000.
The Timer5 base address is 0xA780_0000.
The Timer6 base address is 0xA880_0000.
The Timer7 base address is 0xA980_0000.
Table 52. Summary of registers
Address
Type
Width
Reset value
Name
Description
Base+0x00
Read/write
32
0x00000000
Timer1Load
See
Section : Load register, TimerXLoad
on page 60
Base+0x04
Read
32
0xFFFFFFFF
Timer1Value
See
Section : Current value register,
TimerXValue on page 60
Base+0x08
Read/write
8
0x20
Timer1Control
See
Section : Control register,
TimerXControl on page 61
Base+0x0C
Write
-
-
Timer1IntClr
See
Section : Interrupt clear register.
TimerXIntClr on page 61
Base+0x10
Read
1
0x0
Timer1RIS
See
Section : Raw interrupt status register,
TimerXRIS on page 62
Base+0x14
Read
1
0x0
Timer1MIS
See
Section : Masked interrupt status
register, TimerXMIS on page 62
Base+0x18
Read/write
32
0x00000000
Timer1BGLoad
See
Section : Background load register,
TimerXBGLoad on page 62
Base+0x20
Read/write
32
0x00000000
Timer2Load
See
Section : Load register, TimerXLoad
on page 60
Base+0x24
Read
32
0xFFFFFFFF
Timer2Value
See
Section : Current value register,
TimerXValue on page 60
Base+0x28
Read/write
8
0x20
Timer2Control
See
Section : Control register,
TimerXControl on page 61
Base+0x2C
Write
-
-
Timer2IntClr
See
Section : Interrupt clear register.
TimerXIntClr on page 61
Base+0x30
Read
1
0x0
Timer2RIS
See
Section : Raw interrupt status register,
TimerXRIS on page 62
Base+0x34
Read
1
0x0
Timer2MIS
See
Section : Masked interrupt status
register, TimerXMIS on page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com