Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 8Page - STMicroelectronics RM0352 Datasheet HTML 9Page - STMicroelectronics RM0352 Datasheet HTML 10Page - STMicroelectronics RM0352 Datasheet HTML 11Page - STMicroelectronics RM0352 Datasheet HTML 12Page - STMicroelectronics RM0352 Datasheet HTML 13Page - STMicroelectronics RM0352 Datasheet HTML 14Page - STMicroelectronics RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
System and memory overview
RM0352
12/138
DocID024647 Rev 1
2
System and memory overview
2.1
System architecture
The main system consists of:
•
One master:
–
Cortex-M0 core AHB bus
•
Four slaves:
–
Internal 64 KByte SRAM for program or data with ECC referred as RAM bank0
–
Internal 64 KByte SRAM for program or data referred as RAM bank1
–
Internal 64 KByte Flash memory
–
AHB to APB, which connects all the APB peripherals
These are interconnected using an AHB-Lite bus architecture as shown in
Figure 1:
Figure 1. System architecture
Bus address decode
The bus address decode manages the access to slave peripherals through an AHB-Lite
protocol.
AHB2APB bridge (APB)
The AHB2APB bridge provides full synchronous connection between the AHB and the APB
bus. Refer to
Table 2 for the address mapping of the peripherals connected to this bridge.
After each device reset, all APB peripheral clocks are disabled, except CRMU clock.
Before using a peripheral you have to enable its clock in the CCR2 register in the CRMU.
Note:
The APB protocol does not support partial word access. 8- or 16-bit AHB access is
transformed into 32-bit access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com