Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 26 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 22Page - STMicroelectronics RM0352 Datasheet HTML 23Page - STMicroelectronics RM0352 Datasheet HTML 24Page - STMicroelectronics RM0352 Datasheet HTML 25Page - STMicroelectronics RM0352 Datasheet HTML 26Page - STMicroelectronics RM0352 Datasheet HTML 27Page - STMicroelectronics RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics RM0352 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 138 page
background image
Clock and reset management unit
RM0352
26/138
DocID024647 Rev 1
5.3.5
System reset request
The system reset request is generated by the debug circuitry of the Cortex-M0. The
debugger writes to the SYSRESETREQ bit of the “Application Interrupt and Reset Control
Register” (AIRCR). The system reset request does not affect the debugger thus allowing the
debugger to remain connected during the reset sequence. For more details on the Cortex-
M0 system control and ID registers, refer to section B3.2.2 of
“ARMv6-M Architecture
Reference Manual”.
5.3.6
Lockup reset
The Cortex-M0 generates an output LOCKUP which indicates that the core is in the
architected lock-up state resulting from an unrecoverable exception. The LOCKUP signal is
used to generate reset in the Brain device. This reset will affect the Cortex-M0, the Flash
controller, and all the peripherals. The LOCKUP signal does not reset the Cortex-M0 debug
circuitry. For more information on the LOCKUP state the reader is referred to section
B1.5.15 of
“ARMv6-M Architecture Reference Manual”.
5.3.7
Recall done
The Flash controller must perform the RECALL operation of the Flash memory after power-
up, during this time the trimming codes of the Flash memory are restored from the memory
array to the Flash registers. During the RECALL time the processor is held in reset when the
RECALL_DONE signal is set to one, the processor can leave the reset state and begin
program fetch from Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com