Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 75 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics RM0352 Datasheet HTML 78Page - STMicroelectronics RM0352 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
DocID024647 Rev 1
75/138
RM0352
I2C bus interface
137
[9] RESERVED
FRX flushes the receive circuitry (FIFO, fsm). The configuration of the I
2
C
node (register setting) is not affected by the flushing operation. The flushing
operation is performed on modules working on different clock domains
(system and I
2
C clocks) and needs several system clock cycles before to be
completed. On the completion, the I
2
C node (internal logic) clears this bit. The
application must not access to the Rx FIFO during the flushing operation and
should poll on this bit waiting for the completion.
0: flush operation is completed (I
2
C controller clears the bit)
1: flush operation is started and in progress (set by application).
FRX: flush receive.
[8]
[7]
FTX: flush transmit.
FTX flushes the transmit circuitry (FIFO, fsm). The configuration of the I
2
C
node (register setting) is not affected by the flushing operation. The flushing
operation is performed on modules working on different clock domains
(system and I
2
C clocks) and needs several system clock cycles before to be
completed. On the completion, the I
2
C node (internal logic) clears this bit. The
application must not access to the Tx FIFO during the flushing operation and
should poll on this bit waiting for the completion.
0: flush operation is completed (I
2
C controller clears the bit)
1: flush operation is started and in progress (set by application).
[6]
SGCM: slave general call mode. SGCM defines the operating mode of the
slave controller when a general call is received. This setting does not affect
the hardware general call that is always managed in transparent mode.
0: transparent mode, the slave receiver recognizes the general call at any
action is taken by software after the decoding of the message included in the
Rx FIFO.
1: direct mode, the slave receiver recognizes the general call and executes
directly (without software intervention) the related actions. Only the status
code word is stored in the I2C_SR register for notification to the application.
[5:4] SM: Speed Mode. SM defines the speed mode related to the serial bit rate:
00: Standard mode (up to 100 K/s)
01: Fast mode (up to 400 K/s)
10: Reserved
11: Reserved.
[3] SAM: Slave Addressing Mode. SAM defines the slave addressing mode when
the peripheral works in slave or master/slave mode. The received address is
compared with the content of the register I2C_SCR.
0: 7-bit addressing mode
1: 10-bit addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com